Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF21NM50N Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF21NM50N
Description  N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF21NM50N Datasheet(HTML) 2 Page - STMicroelectronics

  STF21NM50N Datasheet HTML 1Page - STMicroelectronics STF21NM50N Datasheet HTML 2Page - STMicroelectronics STF21NM50N Datasheet HTML 3Page - STMicroelectronics STF21NM50N Datasheet HTML 4Page - STMicroelectronics STF21NM50N Datasheet HTML 5Page - STMicroelectronics STF21NM50N Datasheet HTML 6Page - STMicroelectronics STF21NM50N Datasheet HTML 7Page - STMicroelectronics STF21NM50N Datasheet HTML 8Page - STMicroelectronics STF21NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STP21NM50N - STF21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
2/16
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(*) Limited only by maximum temperature allowed
(1) ISD ≤ 18 A, di/dt ≤ 400 A/µs, VDD =80% V(BR)DSS
Table 4: Thermal Data
Table 5: Avalanche Characteristics
Symbol
Parameter
Value
Unit
TO-220 / D2PAK / I2PAK
/ TO-247
TO-220FP
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuous) at TC = 25°C
18
18 (*)
A
ID
Drain Current (continuous) at TC = 100°C
11
11 (*)
A
IDM ( )
Drain Current (pulsed)
72
72 (*)
A
PTOT
Total Dissipation at TC = 25°C
140
30
W
Derating Factor
1.12
0.23
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
Viso
Insulation Winthstand Voltage (DC)
--
2500
V
Tstg
Storage Temperature
–55 to 150
150
°C
Tj
Max. Operating Junction Temperature
TO-220 / D²PAK / I²PAK
/ TO-247
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
0.89
4.21
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAS
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
9
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
480
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com