Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF540NSTRPBF Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # IRF540NSTRPBF
Description  N-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

IRF540NSTRPBF Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  IRF540NSTRPBF Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd IRF540NSTRPBF Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VSS = 0 V, ID = 250 µA
100
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
µA
VDS = 80 V, VGS = 0 V, TJ = 125 °C
50
VDS = 80 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
75
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 5 A
0.030
Ω
VGS = 4.5 V, ID = 3 A
0.0
VGS = 10 V, ID = 5 A, TJ = 125 °C
0.0
50
VGS = 10 V, ID = 3 A, TJ = 175 °C
0.0
62
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
10
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, f = 1 MHz
3100
pF
Output Capacitance
Coss
410
Reverse Transfer Capacitance
Crss
150
Total Gate Chargec
Qg
VDS = 50 V, VGS = 10 V, ID = 40 A
35
60
nC
Gate-Source Chargec
Qgs
11
Gate-Drain Chargec
Qgd
9
Gate Resistance
RG
1.7
Ω
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 1.25 Ω
ID ≅ 40 A, VGEN = 10 V, RG = 2.5 Ω
11
20
ns
Rise Timec
tr
12
20
Turn-Off Delay Timec
td(off)
30
45
Fall Timec
tf
12
20
Source-Drain Diode Ratings and Characteristics TC = 25 °C
b
Continuous Current
IS
40
A
Pulsed Current
ISM
120
Forward Voltagea
VSD
IF = 30 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 30 A, di/dt = 100 A/µs
60
100
ns
Peak Reverse Recovery Current
IRM(REC)
58
A
Reverse Recovery Charge
Qrr
0.15
0.4
µC
35
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
IRF540NSTRPBF
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com