Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA02I/SN Datasheet(PDF) 8 Page - Microchip Technology

Part # 24AA02I/SN
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02I/SN Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24AA02I/SN Datasheet HTML 4Page - Microchip Technology 24AA02I/SN Datasheet HTML 5Page - Microchip Technology 24AA02I/SN Datasheet HTML 6Page - Microchip Technology 24AA02I/SN Datasheet HTML 7Page - Microchip Technology 24AA02I/SN Datasheet HTML 8Page - Microchip Technology 24AA02I/SN Datasheet HTML 9Page - Microchip Technology 24AA02I/SN Datasheet HTML 10Page - Microchip Technology 24AA02I/SN Datasheet HTML 11Page - Microchip Technology 24AA02I/SN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
24AA02/24LC02B
DS21709C-page 8
 2003 Microchip Technology Inc.
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a Write command (R/W = 0). If the device is still
busy with the write cycle, no ACK will be returned. If the
cycle is complete, the device will return the ACK and
the master can then proceed with the next Read or
Write command. See Figure 5-1 for a flow diagram of
this operation.
FIGURE 5-1:
ACKNOWLEDGE POLLING
FLOW
6.0
WRITE PROTECTION
The 24XX02 can be used as a serial ROM when the
WP pin is connected to VCC. Programming will be
inhibited and the entire memory will be write-protected.
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com