Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

METSECT5CC008 Datasheet(PDF) 2 Page - Schneider Electric

Part # METSECT5CC008
Description  current transformer tropicalised DIN mount 75 5 for cables d. 21
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5CC008 Datasheet(HTML) 2 Page - Schneider Electric

  METSECT5CC008 Datasheet HTML 1Page - Schneider Electric METSECT5CC008 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Uimp] rated impulse withstand voltage
3 kV
Electrical insulation class
Class B
Cable outer diameter
0.83 in (21 mm)
Sealing
With
Environment
Standards
IEC 61869-2
VDE 0414
Product certifications
CE
EAC
IP degree of protection
IP20
Relative humidity
0…95 %
Ambient air temperature for operation
-13…140 °F (-25…60 °C)
Ordering and shipping details
Category
01290 - MASTERPACT ACCESSORIES
Discount Schedule
DE2F
GTIN
03303431123421
Returnability
No
Country of origin
TN
Offer Sustainability
Sustainable offer status
Green Premium product
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com