Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AME7805 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AME7805
Description  1A Positive Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AME7805 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AME7805 Datasheet HTML 1Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 2Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 3Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 4Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 5Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 6Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 7Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 8Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME, Inc.
4
1A Positive Linear Regulator
AME78XX
n Ordering Information (contd.)
Please consult AME sales office or authorized Rep./Distributor for voltage accuracy and package type availability.
Note:ww & yyww represents date code
* a line on top of the first letter represents lead free plating such as AME.
Part Number
Marking*
Output Voltage
Package
Operating Temp. Range
AME7805AJCS
AME7805
AJCS
yyww
5V
TO-252
-40
oC to 125oC
AME7805AJCSZ
AME7805
AJCS
yyww
5V
TO-252
-40
oC to 125oC
AME7805AJBT
AME7805
AJBT
yyww
5V
TO-220
-40
oC to 125oC
AME7805AJBTZ
AME7805
AJBT
yyww
5V
TO-220
-40
oC to 125oC
AME7808AJCS
AME7808
AJCS
yyww
8V
TO-252
-40
oC to 125oC
AME7808AJCSZ
AME7808
AJCS
yyww
8V
TO-252
-40
oC to 125oC
AME7808AJBT
AME7808
AJBT
yyww
8V
TO-220
-40
oC to 125oC
AME7808AJBTZ
AME7808
AJBT
yyww
8V
TO-220
-40
oC to 125oC
AME7809AJCS
AME7809
AJCS
yyww
9V
TO-252
-40
oC to 125oC
AME7809AJCSZ
AME7809
AJCS
yyww
9V
TO-252
-40
oC to 125oC
AME7809AJBT
AME7809
AJBT
yyww
9V
TO-220
-40
oC to 125oC
AME7809AJBTZ
AME7809
AJBT
yyww
9V
TO-220
-40
oC to 125oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com