Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AZ34063 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AZ34063
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ34063 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AZ34063 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 10Page - List of Unclassifed Manufacturers AZ34063 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063
Data Sheet
7
Apr. 2005 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Figure 6. Emitter Follower Configuration Output
Figure 7. Common Emitter Configuration Output Switch
Saturation Voltage vs. Emitter Current
Saturation Voltage vs. Collector Current
Figure 9. Standby Supply Current vs. Supply Voltage
Figure 8. Current Limit Sense Voltage vs. Temperature
Typical Performance Characteristics (Continued)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Collector Current (A)
Darlington Connection
Forced =20
V
CC
=5.0V
Pin 7=V
CC
Pin 2,3,5=GND
T
A
=25
OC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Emitter Current (A)
V
CC
=5.0V
Pin 1,7,8=V
CC
Pin 3,5=GND
T
A
=25
OC
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
CT=1.0nF
Pin 7=V
CC
Pin 2=GND
V
CC
. Supply Voltage (V)
-60
-40
-20
0
20
40
60
80
100
120
140
280
290
300
310
320
330
340
V
CC
=5V
I
CHG
=I
DISCHG
Temperature (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com