Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320EB-ZBT Datasheet(PDF) 34 Page - STMicroelectronics

Part # M28W320EB-ZBT
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320EB-ZBT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M28W320EB-ZBT Datasheet HTML 30Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 31Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 32Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 33Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 34Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 35Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 36Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 37Page - STMicroelectronics M28W320EB-ZBT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
M28W320EBT, M28W320EBB
34/45
Table 25. CFI Query System Interface Information
Offset
Data
Description
Value
1Bh
0027h
VDD Logic Supply Minimum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
2.7V
1Ch
0036h
VDD Logic Supply Maximum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
3.6V
1Dh
00B4h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
11.4V
1Eh
00C6h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
12.6V
1Fh
0004h
Typical timeout per single word program = 2n µs
16µs
20h
0004h
Typical timeout for Double/ Quadruple Word Program = 2n µs
16µs
21h
000Ah
Typical timeout per individual block erase = 2n ms
1 s
22h
0000h
Typical timeout for full chip erase = 2n ms
NA
23h
0005h
Maximum timeout for word program = 2n times typical
512µs
24h
0005h
Maximum timeout for Double/ Quadruple Word Program = 2n times typical
512µs
25h
0003h
Maximum timeout per individual block erase = 2n times typical
8 s
26h
0000h
Maximum timeout for chip erase = 2n times typical
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com