Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISC011N03L5S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC011N03L5S
Description  Optimized for high performance Buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC011N03L5S Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC011N03L5S Datasheet HTML 1Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 2Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 3Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 4Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 5Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 6Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 7Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 8Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
ISC011N03L5S
Rev.2.0,2020-02-20
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
MOSFET
OptiMOSTMPower-MOSFET,30V
Features
•OptimizedforhighperformanceBuckconverter
•Verylowon-resistanceRDS(on)@VGS=4.5V
•Superiorthermalresistance
•N-channel
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
QualifiedaccordingtoJEDECStandard
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
30
V
RDS(on),max
1.1
m
ID
100
A
QOSS
40
nC
QG(0V..10V)
72
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISC011N03L5S
PG-TDSON-8
011N03L5
-


Similar Part No. - ISC011N03L5S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC011N06LM5 INFINEON-ISC011N06LM5 Datasheet
1Mb / 11P
Transistor,60V
2021-07-02 revision:2.1
More results

Similar Description - ISC011N03L5S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS5 INFINEON-BSC009NE2LS5 Datasheet
1Mb / 13P
Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC026NE2LS5 INFINEON-BSC026NE2LS5 Datasheet
1Mb / 13P
Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC0511NDI INFINEON-BSC0511NDI Datasheet
668Kb / 15P
Optimized for high performance buck converters
Rev.2.0 2015-03-04
BSG0811ND INFINEON-BSG0811ND Datasheet
699Kb / 15P
Optimized for high performance buck converters
Rev.2.0 2015-03-16
BSN011NE2LS INFINEON-BSN011NE2LS Datasheet
598Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN011NE2LSI INFINEON-BSN011NE2LSI Datasheet
509Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LS INFINEON-BSN012N03LS Datasheet
520Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LSI INFINEON-BSN012N03LSI Datasheet
509Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN045NE2LS INFINEON-BSN045NE2LS Datasheet
521Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN048N03LS INFINEON-BSN048N03LS Datasheet
520Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com