Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GS Datasheet(PDF) 93 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 93 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 89Page - STMicroelectronics M58LT128GS Datasheet HTML 90Page - STMicroelectronics M58LT128GS Datasheet HTML 91Page - STMicroelectronics M58LT128GS Datasheet HTML 92Page - STMicroelectronics M58LT128GS Datasheet HTML 93Page - STMicroelectronics M58LT128GS Datasheet HTML 94Page - STMicroelectronics M58LT128GS Datasheet HTML 95Page - STMicroelectronics M58LT128GS Datasheet HTML 96Page - STMicroelectronics M58LT128GS Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
93/98
Table 48.
Command Interface States - Lock Table, Next State
1.
The output state shows the type of data that appears at the outputs if the bank address is the same as the command
address. A bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode,
depending on the command issued. Each bank remains in its last output state until a new command is issued to that bank.
The next state does not depend on the bank output state.
2.
CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/
Erase Controller.
3.
At Power-Up, all banks are in Read Array mode. Issuing a Read Array command to a busy bank, results in undetermined
data output.
4.
The two cycle command should be issued to the same bank address.
5.
If the P/E.C. is active, both cycles are ignored.
Current CI State
Command Input(1)(2)
Lock/CR Setup(60h)(2)
Set CR Confirm
(03h)
Block Address (WA0)
(XXXXh)(3)
Illegal Command(4)
WSM Operation
Completed
Ready
Lock/CR Setup
Ready
N/A
Lock/CR Setup
Ready (Lock error)
Ready
Ready (Lock error)
N/A
Program
Setup
Program Busy
N/A
Busy
Program Busy
Ready
Suspend
Program Suspend
N/A
Buffer
Program
Setup
Buffer Program Load 1 (give word count load (N-1)
N/A
Buffer Load
1
Buffer Program Load 2(5)
Exit
see note(5)
N/A
Buffer Load
2
Buffer Program Confirm when count =0; Else Buffer Program Load 2 (note: Buffer Program will fail at this point if
any block address is different from the first address)
N/A
Confirm
Ready (error)
N/A
Busy
Buffer Program Busy
Ready
Suspend
Buffer Program Suspend
N/A
Erase
Setup
Ready (error)
N/A
Busy
Erase Busy
Ready
Suspend
Lock/CR Setup in Erase
Suspend
Erase Suspend
N/A
Program in
Erase
Suspend
Setup
Program Busy in Erase Suspend
N/A
Busy
Program Busy in Erase Suspend
Erase Suspend
Suspend
Program Suspend in Erase Suspend
N/A
Buffer
Program in
Erase
Suspend
Setup
Buffer Program Load 1 in Erase Suspend (give word count load (N-1))
Buffer Load
1
Buffer Program Load 2 in Erase Suspend(6)
Exit
see note (6)
Buffer Load
2
Buffer Program Confirm in Erase Suspend when count =0; Else Buffer Program Load 2 in Erase Suspend (note:
Buffer Program will fail at this point if any block address is different from the first address)
Confirm
Ready (error)
Busy
Buffer Program Busy in Erase Suspend
Suspend
Buffer Program Suspend in Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com