Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG441/883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG441/883
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG441/883 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG441/883 Datasheet HTML 2Page - Intersil Corporation DG441/883 Datasheet HTML 3Page - Intersil Corporation DG441/883 Datasheet HTML 4Page - Intersil Corporation DG441/883 Datasheet HTML 5Page - Intersil Corporation DG441/883 Datasheet HTML 6Page - Intersil Corporation DG441/883 Datasheet HTML 7Page - Intersil Corporation DG441/883 Datasheet HTML 8Page - Intersil Corporation DG441/883 Datasheet HTML 9Page - Intersil Corporation DG441/883 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
64
DG441/883, DG442/883
Die Characteristics
DIE DIMENSIONS:
2760
µm x 1780µm x 485 ± 25µm
METALLIZATION:
Type: SiAl
Thickness: 12k
Å
± 1kÅ
GLASSIVATION:
Type: Nitride
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
1.5 x 105A/cm2
Metallization Mask Layout
DG441/883, DG442/883
S1 (3)
V- (4)
GND (5)
S4 (6)
IN2
(16)
IN1
(1)
D1
(2)
(11) S3
(12) NC
(13) V+ SUBSTRATE
(14) S2
(15) D2
(7)
D4
(8)
IN4
(9)
IN3
(10)
D3
Spec Number
512044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com