Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5352/883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5352/883
Description  Fast Acquisition Dual Sample and Hold Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5352/883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA5352/883 Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
7-118
®
HA5352/883
Fast Acquisition Dual
Sample and Hold Amplifier
Description
The HA5352/883 is a fast acquisition, wide bandwidth Dual
Sample and Hold amplifier built with the Intersil HBC-10 BiCMOS
process. This Sample and Hold amplifier offers the combination
of features; fast acquisition time (70ns to 0.01%), excellent DC
precision and extremely low power dissipation, making it ideal for
use in multi-channel systems that require low power.
The HA5352/883 comes in an open loop configuration with fully
differential inputs providing flexibility for user defined feedback. In
unity gain the HA5352/883 is completely self-contained and
requires no external components. The on-board 15pF hold
capacitors are completely isolated to minimize droop rate and
reduce the sensitivity of pedestal error. The HA5352/883 Dual
Sample and Hold is available in a 14 lead CerDIP package
saving board space while its pinout is designed to simplify layout.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA5352MJ/883
-55oC to +125oC
14 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Fast Acquisition to 0.01% . . . . . . . . . . . . . . . 70ns (Max)
• Low Offset Error
. . . . . . . . . . . . . . . . . . . . . . . .±2mV (Max)
• Low Pedestal Error
. . . . . . . . . . . . . . . . . . . . . .±8mV (Max)
• Low Droop Rate . . . . . . . . . . . . . . . . . . . . . 2
µV/µs (Max)
• Wide Unity Gain Bandwidth . . . . . . . . . . . 40MHz (Typ)
• Low Power Dissipation per Amp . . . . . . .220mW (Max)
• Total Harmonic Distortion (Hold Mode) . . -72dBc (Typ)
(VIN = 5VP-P at 1MHz)
• Fully Differential Inputs
• On Board Hold Capacitor
Applications
• Synchronous Sampling
• Wide Bandwidth A/D Conversion
• Deglitching
• Peak Detection
• High Speed DC Restore
ADVANCE INFORMATION
May 1997
Spec Number
511119-883
File Number
3728.1
Pinout
HA5352/883
(CERDIP)
TOP VIEW
GND1
-IN1
+IN1
V1-
+IN2
-IN2
GND2
V1+
S/H1 CONTROL
OUT1
V2-
OUT2
S/H2 CONTROL
V2+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NO
T R
EC
OM
ME
ND
ED
FO
R N
EW
DE
SIG
NS
SE
E H
A-5
34
0/8
83
or
co
nta
ct
ou
r T
ec
hn
ica
l S
up
po
rt C
en
ter
at
1-8
88
-IN
TE
RS
IL
or
ww
w.i
nte
rsi
l.c
om
/ts
c


Similar Part No. - HA5352/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
Fast Acquisition Dual Sample and Hold Amplifier
May 1997
HA5352IB INTERSIL-HA5352IB Datasheet
133Kb / 5P
Fast Acquisition Dual Sample and Hold Amplifier
May 1997
HA5352IP INTERSIL-HA5352IP Datasheet
133Kb / 5P
Fast Acquisition Dual Sample and Hold Amplifier
May 1997
More results

Similar Description - HA5352/883

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
Fast Acquisition Dual Sample and Hold Amplifier
May 1997
HA5351883 INTERSIL-HA5351883 Datasheet
27Kb / 1P
Fast Acquisition, Low Power Sample and Hold Amplifier
May 1997
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com