Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCTS7266D/SAMPLE Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS7266D/SAMPLE
Description  Radiation Hardened Quad 2-Input Exclusive NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS7266D/SAMPLE Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS7266D/SAMPLE Datasheet HTML 1Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 2Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 3Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 4Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 5Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 6Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 7Page - Intersil Corporation HCTS7266D/SAMPLE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCTS7266MS
Radiation Hardened
Quad 2-Input Exclusive NOR Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE METAL SEAL
PACKAGE (SBDIP) MIL-STD-1835 CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
(FLATPACK) MIL-STD-1835 CDFP3-F14
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
AB
Y
LL
H
LHL
HL
L
HHH
NOTE: L = Logic Level Low, H = Logic level High
A1
B1
Y1
Y2
A2
B2
GND
VCC
B4
A4
Y4
Y3
B3
A3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
Y2
A2
B2
GND
VCC
B4
A4
Y4
Y3
B3
A3
An
Bn
Yn
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = 2.0V Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS7266MS is a Radiation Hardened quad 2-Input
exclusive NOR Gate. A logic level high on either one of the inputs
(A or B) will force the output (y) low. A high on both inputs, or a low
on both inputs will force the output to a logic high.
The HCTS7266MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of radia-
tion hardened, high-speed, CMOS/SOS Logic Family with TTL
input compatibility.
The HCTS7266MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCTS7266DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead
SBDIP
HCTS7266KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead
Ceramic
Flatpack
HCTS7266D/
Sample
+25oC
Sample
14 Lead
SBDIP
HCTS7266K/
Sample
+25oC
Sample
14 Lead
Ceramic
Flatpack
HCTS7266HMSR
+25oC
Die
Die
August 1995
Spec Number
518627
File Number
3384.1


Similar Part No. - HCTS7266D/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS74D INTERSIL-HCTS74D Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Renesas Technology Corp
HCTS74D RENESAS-HCTS74D Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCTS74DMSR INTERSIL-HCTS74DMSR Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Renesas Technology Corp
HCTS74DMSR RENESAS-HCTS74DMSR Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCTS74DTR INTERSIL-HCTS74DTR Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
More results

Similar Description - HCTS7266D/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS02MS INTERSIL-ACS02MS Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input NOR Gate
November 1998
ACS86MS INTERSIL-ACS86MS Datasheet
62Kb / 6P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
ACTS86MS INTERSIL-ACTS86MS Datasheet
86Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS02MS INTERSIL-HCTS02MS Datasheet
75Kb / 11P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS86MS RENESAS-HCTS86MS Datasheet
385Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com