Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCTS7266K/SAMPLE Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS7266K/SAMPLE
Description  Radiation Hardened Quad 2-Input Exclusive NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS7266K/SAMPLE Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS7266K/SAMPLE Datasheet HTML 1Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 2Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 3Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 4Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 5Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 6Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 7Page - Intersil Corporation HCTS7266K/SAMPLE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HCTS7266MS
Die Characteristics
DIE DIMENSIONS:
84 x 84 mils
2.20 x 2.24mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4mm
Metallization Mask Layout
HCTS7266MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS7266 is TA14436A.
A1
VCC
B4
B1 (2)
Y1 (3)
Y2 (4)
A2 (5)
(6)
(7)
(8)
(9) B3
(10) Y3
(11) Y4
(12) A4
(1)
(14)
(13)
B2
GND
A3
Spec Number
518627



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com