Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF4132A25DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF4132A25DBVR
Description  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132A25DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF4132A25DBVR Datasheet HTML 9Page - Texas Instruments REF4132A25DBVR Datasheet HTML 10Page - Texas Instruments REF4132A25DBVR Datasheet HTML 11Page - Texas Instruments REF4132A25DBVR Datasheet HTML 12Page - Texas Instruments REF4132A25DBVR Datasheet HTML 13Page - Texas Instruments REF4132A25DBVR Datasheet HTML 14Page - Texas Instruments REF4132A25DBVR Datasheet HTML 15Page - Texas Instruments REF4132A25DBVR Datasheet HTML 16Page - Texas Instruments REF4132A25DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
10
10
Input Signal
124
1 nF
ADS1287
VIN
REF
CIN
COUT
-
+
REF4132
Copyright © 2020, Texas Instruments Incorporated
EN
VREF
GND
VIN
13
REF4132
www.ti.com
SNAS794 – MAY 2020
Product Folder Links: REF4132
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The REF4132 is a versatile device which can cater to multiple applications and use cases. Basic applications
includes positive/negative voltage reference and data acquisition systems. The table below shows the typical
application of REF4132 and its companion ADC/DAC.
Table 1. Typical Applications and Companion ADC/DAC
Applications
ADC/DAC
PLC - DCS
DAC8881, ADS8332, ADS8568, ADS8317,
ADS8588S, ADS1287
Display Test Equipment
ADS8332, ADS8168
Field Transmitters - Pressure
ADS1120
Video Surveillance - Thermal Cameras
ADS7279
Medical Blood Glucose Meter
ADS1112
10.2 Typical Application: Basic Voltage Reference Connection
The circuit shown in shows the basic configuration for the REF4132 references. Connect bypass capacitors
according to the guidelines in Layout Guidelines.
Figure 18. Basic Reference Connection
10.2.1 Design Requirements
A detailed design procedure is described based on a design example. For this design example, use the
parameters listed in Table 2 as the input parameters.
Table 2. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VIN
5 V
Output voltage VOUT
2.5 V
REF4132 input capacitor
1 µF
REF4132 output capacitor
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com