Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3Z13VT1 Datasheet(PDF) 1 Page - Formosa MS

Part # MM3Z13VT1
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM3Z13VT1 Datasheet(HTML) 1 Page - Formosa MS

  MM3Z13VT1 Datasheet HTML 1Page - Formosa MS MM3Z13VT1 Datasheet HTML 2Page - Formosa MS MM3Z13VT1 Datasheet HTML 3Page - Formosa MS MM3Z13VT1 Datasheet HTML 4Page - Formosa MS MM3Z13VT1 Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Zener Diodes
*200mw Power Dissipation
*Ideal for Surface Mountted Application
*Case : SOD-323 Molded plastic
Mechanical Data:
Features:
MM3Z Series
SMALL SIGNAL
ZENER DIODES
200m WATTS
*Zener Breakdown Voltage Range 2.4V to 75V
*Terminals: Solderable per MIL-STD-202, Method 208
*Polarity: Cathode Indicated by Polarity Band
*Marking: Marking Code (See Table on Page 3)
*Weigh: 0.004grams(approx)
SOD-323
1
2
SOD-323 Outline Dimensions
~ 1 ~
Formosa MS


Similar Part No. - MM3Z13VT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MM3Z13VT1 LRC-MM3Z13VT1 Datasheet
83Kb / 5P
Zener Voltage Regulators
logo
ON Semiconductor
MM3Z13VT1 ONSEMI-MM3Z13VT1 Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
logo
PACELEADER INDUSTRIAL
MM3Z13VT1 PACELEADER-MM3Z13VT1 Datasheet
170Kb / 2P
SURFACE MOUNT ZENER DIODES
MM3Z13VT1 PACELEADER-MM3Z13VT1 Datasheet
170Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
ON Semiconductor
MM3Z13VT1G ONSEMI-MM3Z13VT1G Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
More results

Similar Description - MM3Z13VT1

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
logo
Anova Technologies CO.,...
SMC5338B ANOVA-SMC5338B Datasheet
252Kb / 4P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com