Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RK73H2HTP1003F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RK73H2HTP1003F
Description  FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK73H2HTP1003F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RK73H2HTP1003F Datasheet HTML 1Page - List of Unclassifed Manufacturers RK73H2HTP1003F Datasheet HTML 2Page - List of Unclassifed Manufacturers RK73H2HTP1003F Datasheet HTML 3Page - List of Unclassifed Manufacturers RK73H2HTP1003F Datasheet HTML 4Page - List of Unclassifed Manufacturers RK73H2HTP1003F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEER ELECTRONICS, INC.
TELEPHONE:
814-362-5536
FAX: 814-362-8883
145
APPENDIX A
FLAT CHIP RESISTORS
TAPE & REEL SPECIFICATIONS
1.5
±+0.1
-0
(TE)
7”
EMBOSSED
PLASTIC
(T)
7” PAPER
TAPE
(NOTES) DOTTED LINES ARE APPLICABLE ONLY FOR
1E, 1J AND 2A SIZES ON 1000 PIECE REELS.
DIMENSIONS (mm)
CARRIER TAPE
PACKAGING SPECIFICATIONS
DIRECTION OF FEED
EMBOSSED
CARRIED
REEL SPECIFICATIONS
(TP) 7”
PAPER TAPE
(2mm PITCH)
PACKAGING
SIZE
A
B
W
E
F
T1
T2
P0
P1
P2
∆D
CODE
1H (0201)
1E (0402)
1.15
±0.1 0.65±0.1 8.0±0.2 1.75±0.1 3.5±0.05
-----
0.45
±0.1 4.0±0.1 2.0±0.05 2.0+0.05
1J (0603) 1.9
±0.1
1.1
±0.1
≤≤
≤
-----
0.60
±0.1
≤
4.0
±0.1
≤≤
2A (0805) 2.4
±0.1 1.65±0.1
≤≤
≤
-----
0.75
±0.1
≤≤
≤≤
2B (1206) 3.5
±0.1
1.9
±0.1
≤≤
≤
-----
≤≤
≤≤
≤
2E (1210) 3.5
±0.1
2.8
±0.1
≤≤
≤
-----
≤≤
≤≤
≤
2A (0805) 2.4
±0.2 1.45±0.15
≤≤
≤
0.85
±0.1 0.25±0.1
≤≤
≤≤
2B (1206) 3.5
±0.1
1.9
±0.2
≤≤
≤
1.0
±0.1
≤≤
≤≤
≤
2E (1210) 3.6
±0.15 2.9±0.15
≤≤
≤
“
0.2
±0.1
≤≤
≤≤
2H (2010) 5.4
±0.2
2.9
±0.2 12.0±0.1
≤
5.5
±0.5 0.85±0.1
≤≤
≤≤
≤
3A (2512) 6.9
±0.2
3.6
±0.2
≤≤
≤≤
≤≤
4.0
±0.1
≤≤
(TDD)
1J (0603) 1.9
±0.1
1.1
±0.1
8.0
±0.2 1.75±0.1 3.5±0.05
-----
0.60
±0.1
≤≤
≤≤
10”
2A (0805) 2.4
±0.1 1.65±0.1
≤≤
≤
-----
0.75
±0.1
≤≤
≤≤
PAPER
2B (1206) 3.5
±0.1
1.9
±0.1
≤≤
≤
-----
≤≤
≤≤
≤
TAPE
2E (1210) 3.5
±0.1
2.8
±0.1
≤≤
≤
-----
≤≤
≤≤
≤
(TED)
2A (0805) 2.4
±0.2 1.45±0.15
≤≤
≤
0.85
±0.1 0.25±0.1
≤≤
≤≤
10”
2B (1206) 3.5
±0.1
1.9
±0.2
≤≤
≤
1.0
±0.1
≤≤
≤≤
≤
EMBOSSED 2E (1210) 3.6
±0.15 2.9±0.15
≤≤
≤≤
0.2
±0.1
≤≤
≤≤
PLASTIC
2H (2010) 5.4
±0.2
2.9
±0.2
12
±0.1
≤
5.5
±0.5 0.85±0.1
≤≤
≤≤
≤
3A (2512) 6.9
±02.
3.6
±0.2
≤≤
≤≤
≤≤
4.0
±0.1
≤≤
SIZE
DIMENSION (mm)
CODE
Øa max.
7”
10”
Øb
w
t
Øc
Ød
e
1H (0201)
1E (0402)
1J (0603)
2A (0805)
178
255
80
±2.0 10±1.0 1.5±.05 13±0.5 27±20 3.0±0.5
2B (1206)
2E (1210)
60
±2.0 14±1.0
21
±2.0 2.0±0.5
2H (2010)
3A (2512)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com