Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLVU2.8-4 Datasheet(PDF) 2 Page - Applied Power Microelectronics Co.,Ltd.

Part # SLVU2.8-4
Description  2.8V TVS Array For ESD and Latch-Up Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

SLVU2.8-4 Datasheet(HTML) 2 Page - Applied Power Microelectronics Co.,Ltd.

  SLVU2.8-4 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8-4 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8-4 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8-4 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8-4 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Revision
08/2018
2 of 5
www.appliedpowermicro.com
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
600
W
Peak Pulse Current (8/20µs)
IPP
30
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
2.8
V
VBR
3.0
V
IT = 2µA
Breakdown Voltage
VSB
3.0
V
ISB= 50mA
Reverse Leakage Current
IR
0.001
1
µA
VRWM = 2.8V
Clamping Voltage
VC
8.5
V
IPP = 5A (8 x 20µs pulse)
Clamping Voltage
VC
18
V
IPP = 25A (8 x 20µs pulse)
Clamping Voltage
VC
20
V
IPP = 30A (8 x 20µs pulse)
Junction Capacitance
CJ
2
3
pF
VR = 0V, f = 1MHz
SLVU2.8-4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com