Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCP8402 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8402
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8402 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8402 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TPCP8402
2003-09-26
3
P-ch
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = −30 V, VGS = 0 V
10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4.5 V, ID = −1.7 A
80
105
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −1.7 A
60
72
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −1.7 A
3.0
6.0
S
Input capacitance
Ciss
600
Reverse transfer capacitance
Crss
60
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
70
pF
Rise time
tr
5.3
Turn-on time
ton
12
Fall time
tf
8.4
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
34
ns
Total gate charge
(gate-source plus gate-drain)
Qg
14
Gate-source charge 1
Qgs1
1.4
Gate-drain (“miller”) charge
Qgd
VDD ∼− −24 V, VGS = −10 V,
ID = −3.4 A
2.7
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
−13.6
A
Forward voltage (diode)
VDSF
IDR = −3.4 A, VGS = 0 V
1.2
V
VDD ∼− −15 V
− 10
V
VGS
0 V
ID = −1.7 A
VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com