Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TH7834C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TH7834C
Description  Very Highresolution Linear CCD Image Sensor (12000 Pixels)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7834C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TH7834C Datasheet HTML 2Page - ATMEL Corporation TH7834C Datasheet HTML 3Page - ATMEL Corporation TH7834C Datasheet HTML 4Page - ATMEL Corporation TH7834C Datasheet HTML 5Page - ATMEL Corporation TH7834C Datasheet HTML 6Page - ATMEL Corporation TH7834C Datasheet HTML 7Page - ATMEL Corporation TH7834C Datasheet HTML 8Page - ATMEL Corporation TH7834C Datasheet HTML 9Page - ATMEL Corporation TH7834C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
TH7834C
1997A–IMAGE–05/02
Operating
Precautions
Shorting the video outputs to VSS or VDD, even temporarily, can permanently damage
the output amplifiers.
Operating Conditions (T = 25°C)
Note:
If no exposure time control is required,
Φ
A1-2 and ΦA3-4 must be connected to an adjustable DC bias (see Figure 7).
Typical current in V
DR,VA <10 µA; in VGS,VST <1 µA.
Timing Diagram
Figure 3. Line Timing Diagram
Minimum exposure time: Ti min = readout time.
For data rate of 5 MHz: Ti min =
= 608.6 µs.
Note:
It is better to clean the shift registers (with running clocks) and not to stop clocking them
after readout time.
Table 1. DC Characteristics
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Output Amplifier Drain Supply
V
DD1-2,VDD3-4
14.5
15
15.5
V
Substrate Voltage
V
SS
00
V
Reset DC Bias
V
DR1,VDR2,VDR3,VDR4
V
DD -0.5
V
Output Amplifier Source Bias
V
S1,VS2,VS3,VS4
0V
Output Gate DC Bias
V
GS1-2,VGS3-4
2.2
2.4
2.6
V
Photosensitive Zone DC Bias
V
ST
3.544.5
V
Antiblooming Diode Bias
VA
1-2,VA3-4
14
14.5
15
V
ΦP3-4
ΦP1-2
ΦΦ
LS1-2,
LS3-4
ΦΦ
R1-2,
R3-4
ΦEc1
(clamp)
External
ΦEch
(Sampling)
Detailed timing diagram
for transfert from
photosite to register
(see fig. 4)
Detailed pixel
timing diagram
(see fig. 5)
ΦΦ
L1,
L2
Readout time for line M
Cleaning
Pixel N
Integration time Ti for line M+1
3043
5MHz
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com