Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF3000 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3000 Datasheet HTML 6Page - RF Micro Devices RF3000 Datasheet HTML 7Page - RF Micro Devices RF3000 Datasheet HTML 8Page - RF Micro Devices RF3000 Datasheet HTML 9Page - RF Micro Devices RF3000 Datasheet HTML 10Page - RF Micro Devices RF3000 Datasheet HTML 11Page - RF Micro Devices RF3000 Datasheet HTML 12Page - RF Micro Devices RF3000 Datasheet HTML 13Page - RF Micro Devices RF3000 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
11-330
RF3000
Rev A4 031216
SPI Operation Summary
To Write:
9. Bring CS low.
10.Chip Address (7-bits) - This should match the RF3000 chip address of 01000002.
11.Read/Write-bit = '0'
12.Auto-Increment-bit - Value of '1' enables auto-increment
13.Memory Address Pointer (MAP) (7-bits) - This is the address of the register to be written to, MSB first.
14.Register Data (8-bits) - MSB First
15.Repeat step 6 if Auto-Increment or bring CS HIGH to end operation.
To Read:
1. Bring CS low.
2. Chip Address (7-bits) - This should match the RF3000 chip address of 01000002.
3. Read/Write-bit = '0'
4. Auto-Increment-bit - Value of '1' enables auto-increment
5. Memory Address Pointer (MAP) (7-bits) - This is the address of the register to be written to, MSB first.
6. Bring CS high.
7. Bring CS low.
8. Chip Address (same as step 2) - MSB First
9. Read/Write-bit = '1'
10. RF3000 will output 8-bit register value, MSB First, and Increment MAP, if Auto increment enabled.
11. Repeat step 10 for polling or Auto-Increment or bring CS high to end operation.
SPI Mode Functional Timing Diagrams
Write
Read
CS
CCLK
CDIN
CDOUT
Chip Address
Memory Address
"Hi Z"
Data
Data
AI
Figure 6. SPI Write Functional Timing Diagram
CDOUT
"Hi Z"
"Hi Z"
Data
CS
CCLK
CDIN
Memory Address
Chip Address
Chip Address
Figure 7. SPI Read Functional Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com