Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8428EPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8428EPWPR
Description  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428EPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8428EPWPR Datasheet HTML 3Page - Texas Instruments DRV8428EPWPR Datasheet HTML 4Page - Texas Instruments DRV8428EPWPR Datasheet HTML 5Page - Texas Instruments DRV8428EPWPR Datasheet HTML 6Page - Texas Instruments DRV8428EPWPR Datasheet HTML 7Page - Texas Instruments DRV8428EPWPR Datasheet HTML 8Page - Texas Instruments DRV8428EPWPR Datasheet HTML 9Page - Texas Instruments DRV8428EPWPR Datasheet HTML 10Page - Texas Instruments DRV8428EPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
DRV8428E, DRV8428P
www.ti.com
SLOSE51 – JUNE 2020
Product Folder Links: DRV8428E DRV8428P
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VVM
Supply voltage range for normal (DC) operation
4.2
33
V
VI
Logic level input voltage
0
5.5
V
VREF
Reference rms voltage range (VREFA, VREFB)
0.05
3
V
ƒPWM
Applied PWM signal (APH, AEN, BPH, BEN, AIN1, AIN2, BIN1, BIN2)
0
100
kHz
IFS
Motor full-scale current (xOUTx)
0
1
A
Irms
Motor RMS current (xOUTx)
0
0.7
A
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
UNIT
PWP (HTSSOP)
DYY (TSOT)
RTE (VQFN)
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
47.2
88.3
49
°C/W
RθJC(to
p)
Junction-to-case (top) thermal resistance
43.2
43.5
57.7
°C/W
RθJB
Junction-to-board thermal resistance
23.3
26.3
23.4
°C/W
ψJT
Junction-to-top characterization parameter
1.4
1.2
1.9
°C/W
ψJB
Junction-to-board characterization parameter
23.2
26.2
23.4
°C/W
RθJC(b
ot)
Junction-to-case (bottom) thermal resistance
6.4
N/A
8.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com