Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8428PDYYR Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8428PDYYR
Description  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428PDYYR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8428PDYYR Datasheet HTML 1Page - Texas Instruments DRV8428PDYYR Datasheet HTML 2Page - Texas Instruments DRV8428PDYYR Datasheet HTML 3Page - Texas Instruments DRV8428PDYYR Datasheet HTML 4Page - Texas Instruments DRV8428PDYYR Datasheet HTML 5Page - Texas Instruments DRV8428PDYYR Datasheet HTML 6Page - Texas Instruments DRV8428PDYYR Datasheet HTML 7Page - Texas Instruments DRV8428PDYYR Datasheet HTML 8Page - Texas Instruments DRV8428PDYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DRV8428E, DRV8428P
SLOSE51 – JUNE 2020
DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune
Technology
1
1 Features
1
•
Dual H-bridge motor driver
–
One bipolar stepper motor
–
Dual bidirectional brushed-DC motors
–
Four unidirectional brushed-DC motors
•
Integrated current sense functionality
–
No sense resistors required
–
±5% Full-scale current accuracy
•
4.2- to 33-V Operating supply voltage range
•
Multiple control interface options
–
PHASE/ENABLE
–
PWM
•
Smart tune decay technology, and mixed decay
options
•
1500 mΩ HS + LS RDS(ON) at 24 V, 25°C
•
Current Capacity Per Bridge: 1.7-A peak, 1-A Full-
Scale, 0.7-A rms
•
Configurable Off-Time PWM Chopping
–
7, 16 or 32 μs
•
Supports 1.8-V, 3.3-V, 5.0-V logic inputs
•
Low-current sleep mode (2 µA)
•
Spread spectrum clocking for low electromagnetic
interference (EMI)
•
Inrush current limiting in brushed-DC applications
•
Small package and footprint
•
Protection features
–
VM undervoltage lockout (UVLO)
–
Overcurrent protection (OCP)
–
Thermal shutdown (OTSD)
2 Applications
•
Brushed DC Motors
•
Printers and scanners
•
Currency counters, and EPOS
•
Office and home automation
•
Factory automation and robotics
•
Small home appliances
•
Sewing Machines
•
Vacuum, humanoid, and toy robotics
•
Smart Meters
•
Servo Motors and Actuators
3 Description
The DRV8428E/P devices are dual H-bridge motor
drivers for a wide variety of industrial applications.
The devices can be used for driving two DC motors,
or a bipolar stepper motor. The output stage of the
driver
consists
of
N-channel
power
MOSFETs
configured as two full H-bridges, current sensing and
regulation, and protection circuitry. The integrated
current sensing uses an internal current mirror
architecture, removing the need for a large power
shunt resistor, saving board area and reducing
system cost. A low-power sleep mode is provided to
achieve ultra- low quiescent current draw by shutting
down most of the internal circuitry. Internal protection
features are provided for supply undervoltage lockout
(UVLO),
output
overcurrent
(OCP),
and
device
overtemperature (TSD). The DRV8428E/P is capable
of driving up to 1-A full scale or 0.7-A rms output
current per H-bridge (dependent on PCB design).
Table 1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8428EPWPR
HTSSOP (16)
5mm x 4.4mm
DRV8428ERTER
VQFN (16)
3.0mm x 3.0mm
DRV8428EDYYR
TSOT (16)
4.2mm x 3.26mm
DRV8428PPWPR
HTSSOP (16)
5mm x 4.4mm
DRV8428PRTER
VQFN (16)
3.0mm x 3.0mm
DRV8428PDYYR
TSOT (16)
4.2mm x 3.26mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. DRV8428E Simplified Schematic


Similar Part No. - DRV8428PDYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8428PWPR TI1-DRV8428PWPR Datasheet
1Mb / 53P
DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
More results

Similar Description - DRV8428PDYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8436 TI1-DRV8436 Datasheet
1Mb / 40P
Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune Technology
DRV8436E TI1-DRV8436E Datasheet
1Mb / 40P
DRV8436E Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8424E TI1-DRV8424E Datasheet
2Mb / 43P
DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8426E TI1-DRV8426E Datasheet
1Mb / 42P
DRV8426E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8426E TI1-DRV8426E_V01 Datasheet
2Mb / 43P
DRV8426E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8434E TI-DRV8434E Datasheet
3Mb / 48P
DRV8434E/P Dual H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8256 TI-DRV8256 Datasheet
3Mb / 48P
DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com