Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB333X Datasheet(PDF) 73 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 73 Page - Microchip Technology

Back Button USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology USB333X Datasheet HTML 71Page - Microchip Technology USB333X Datasheet HTML 72Page - Microchip Technology USB333X Datasheet HTML 73Page - Microchip Technology USB333X Datasheet HTML 74Page - Microchip Technology USB333X Datasheet HTML 75Page - Microchip Technology USB333X Datasheet HTML 76Page - Microchip Technology USB333X Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 73
USB333x
8.2
USB Charger Detection
The USB333x provides the hardware described in the USB Battery Charging Specification. Microchip provides an Appli-
cation Note which describes how to use the USB333x in a battery charging application.
8.3
Reference Designs
Microchip has generated reference designs for connecting the USB333x to SOCs/ASICs with a ULPI port. Please con-
tact the Microchip sales office for more details.
8.4
ESD Performance
The USB333x is protected from ESD strikes. By eliminating the requirement for external ESD protection devices, board
space is conserved, and the board manufacturer is enabled to reduce cost. The advanced ESD structures integrated
into the USB333x protect the device whether or not it is powered up.
8.4.1
HUMAN BODY MODEL (HBM) PERFORMANCE
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and manufacturing,
and is done without power applied to the IC. To pass the test, the device must have no change in operation or perfor-
mance due to the event. The USB333x HBM performance is detailed in Table 4-13.
FIGURE 8-3:
USB3333 HOST APPLICATION DIAGRAM (CONFIGURED FOR ULPI CLOCK
OUTPUT MODE)
3.0-5.5V
Supply
RVBUS must be installed to
enable overvoltage
protection of the VBUS pin.
The capacitor CVBUS
must be installed on
this side of RVBUS.
ULPI Output
Clock Mode
Link Controller
DIR
NXT
STP
CLKIN
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
REFCLK
USB
Receptacle
DM
DP
VBUS
SHIELD
GND
RBIAS
USB3333
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
E3
E4
E5
D4
D5
C4
C5
B4
A3
B5
A4
A5
REFCLK A2
RESETB C2
VBUS
D2
VBAT
C1
VDD33
D3
ID
B1
DM
DP
D1
E1
VDDIO
REF[0]
E2
B3
GND
C3
A1
RBIAS
VDD18 B2
COUT
CBYP
RVBUS
CVBUS
COUT
COUT
1.8-3.3V Supply
REFCLK frequency selected
by connecting REF[0] to
Ground or VDD33, as
defined in Chapter 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com