Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3331EGL-TR Datasheet(PDF) 80 Page - Microchip Technology

Part # USB3331EGL-TR
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3331EGL-TR Datasheet(HTML) 80 Page - Microchip Technology

Back Button USB3331EGL-TR Datasheet HTML 76Page - Microchip Technology USB3331EGL-TR Datasheet HTML 77Page - Microchip Technology USB3331EGL-TR Datasheet HTML 78Page - Microchip Technology USB3331EGL-TR Datasheet HTML 79Page - Microchip Technology USB3331EGL-TR Datasheet HTML 80Page - Microchip Technology USB3331EGL-TR Datasheet HTML 81Page - Microchip Technology USB3331EGL-TR Datasheet HTML 82Page - Microchip Technology USB3331EGL-TR Datasheet HTML 83Page - Microchip Technology USB3331EGL-TR Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
USB333x
DS00001880A-page 80
 2009 - 2015 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001880A (01-19-15)
Replaces previous SMSC version Rev. 1.3 (11-20-12)
Rev. 1.3 (11-20-12)
Document co-branded: Microchip logo added; modification to legal disclaimer.
Added to ordering information:
“Please contact your SMSC sales representative for additional documentation
related to this product such as application notes, anomaly sheets, and design
guidelines.”
Rev. 1.3 (09-07-11)
Table 4-2, "Operating
Current (USB3333)"
Changed “USB HS Idle” to “USB Idle” in the first
row under Conditions column.
Rev. 1.3 (08-24-11)
Document features and
Section 9.0, "Package
Outlines, Tape & Reel
Drawings, Package
Marking"
References to “1.95mm x 1.95mm” changed to
“1.97mm x 1.97mm”.
Rev 1.3 (08-22-11)
Table 3-1, "Absolute
Maximum Ratings", Table 3-
2, "Recommended
Operating Conditions"
Removed requirement that VDD18 be active while
VDDIO is active.
Table 2-3, "USB3333 Pin
Description"
Modified VDDIO Description.
Table 4-1, "Operating
Current (USB3330,
USB3331, USB3336, and
USB3338)",Table 4-2,
"Operating Current
(USB3333)"
Updated “Default Configuration” Current.
Section 7.1.3.1, "HS
Compensation Register"
Removed “and LPM” from section title.
Section 5.4.3, "REFCLK
Jitter"
Clarified REFCLK jitter specification.
Figure 9-1, "25WLCSP,
1.97x1.97mm Body, 0.4mm
Pitch"
Updated package drawing.
Throughout Document
Updated support for Battery Charging v1.2.
Rev. 1.22 (08-25-10)
Product Features
Added SMSC RapidCharge Anywhere feature.
Added USB3338 information
Rev. 1.1 (03-18-10)
Table 5-2, "REF[1:0] vs.
required frequency at
REFCLK (USB3330)"
Corrected Error for 10 and 01 case.
Figure 5.9, "Allowable
REFCLK Jitter vs.
Frequency"
Added.
Section 5.4.3, "REFCLK
Jitter"
Edited text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com