Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC9324F Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC9324F
Description  Single-Chip DTS Microcontroller (DTS-20)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9324F Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC9324F Datasheet HTML 17Page - Toshiba Semiconductor TC9324F Datasheet HTML 18Page - Toshiba Semiconductor TC9324F Datasheet HTML 19Page - Toshiba Semiconductor TC9324F Datasheet HTML 20Page - Toshiba Semiconductor TC9324F Datasheet HTML 21Page - Toshiba Semiconductor TC9324F Datasheet HTML 22Page - Toshiba Semiconductor TC9324F Datasheet HTML 23Page - Toshiba Semiconductor TC9324F Datasheet HTML 24Page - Toshiba Semiconductor TC9324F Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
TC9324F
2002-02-08
21
I/O Map
All the ports in the device are accessed by six I/O instructions (OUT1 to 3 and IN1 to 3) and 4-bit code
number matrices.
The following pages show the port allocations as an I/O map. On the I/O map, the ports used by I/O
instructions are in horizontal positions and the port code numbers are in vertical positions. The G-register,
data register, DAL address register, and DAL bit are treated as ports.
The OUT1 to 3 instructions specify output ports. The IN1 to 3 instructions specify input ports.
Note: The diagonal lines on the I/O map indicate ports that do not exist in the device. Executing an output
instruction to output data to a non-existent output port has no effect on other ports or on data memory
contents.
When a non-existent input port is specified by an input instruction, all the content read to the data memory
is undefined.
Note: Output ports indicated by an asterisk (*) on the I/O map are unused ports. Any data output to these ports
are “don’t care”.
Note: The contents of the ports are represented by four bits where Y1 corresponds to the lowest bit of the data
in data memory, and Y8 to the highest bit.
The ports specified by the six input/output instructions and by code No. C are represented in this
document by the following notation.
Example: The G-register is set by the OUT1 instruction with codes C and D. Therefore, the notation is
φL1C and φL1D.
φ [K/L] m n (o) (Pp)
Contents of selected port (indirectly specified data, 0 to F (HEX))
I/O instruction operand CN (0 to F (HEX))
The six I/O instructions (IN1 to IN3, OUT1 to OUT3)
I/O instruction
OUT1
OUT2
OUT3
IN1
IN2
IN3
m
1
2
3
1
2
3
Indicates input/output ports.
K: Input port (instructions IN1 to 3)
L: Output port (instructions OUT1 to 3)
Pages (1 to 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com