Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF4132A30DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF4132A30DBVR
Description  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132A30DBVR Datasheet(HTML) 1 Page - Texas Instruments

  REF4132A30DBVR Datasheet HTML 1Page - Texas Instruments REF4132A30DBVR Datasheet HTML 2Page - Texas Instruments REF4132A30DBVR Datasheet HTML 3Page - Texas Instruments REF4132A30DBVR Datasheet HTML 4Page - Texas Instruments REF4132A30DBVR Datasheet HTML 5Page - Texas Instruments REF4132A30DBVR Datasheet HTML 6Page - Texas Instruments REF4132A30DBVR Datasheet HTML 7Page - Texas Instruments REF4132A30DBVR Datasheet HTML 8Page - Texas Instruments REF4132A30DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REF4132
+
±
OPA735
+5 V
+5 V
-5 V
-2.5 V
+2.5 V
EN
VIN
VREF
GND
R
1
10 NŸ
R
2
10 NŸ
Load Current (mA)
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
5
10
0
+25°C
-40°C
+125°C
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
REF4132
SNAS794A – JUNE 2020 – REVISED JUNE 2020
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
1
1 Features
1
•
Voltage options: 2.5V, 3V, 3.3V, 4.096V, 5V
•
Initial accuracy: ±0.05% (maximum)
•
Low temperature coefficient :
–
A grade: 12 ppm/°C (maximum)
–
B grade: 30 ppm/°C (maximum)
•
Operating temperature range:
−40°C to +125°C
•
Output current: ±10 mA
•
Low quiescent current: 100 μA (maximum)
•
Output 1/f noise (0.1 Hz to 10 Hz): 15 µVPP/V
•
Excellent long-term stability 30 ppm/1000 hrs
•
Small footprint 5-pin SOT-23 package
2 Applications
•
Data acquisition (DAQ)
•
PLC analog I/O modules
•
Field transmitters
•
Motor drive control module
•
Battery test equipment
•
LCR meters
3 Description
The REF4132 device is a low temperature drift
(12
ppm/°C),
low-power,
high-precision
CMOS
voltage reference, featuring ±0.05% initial accuracy,
low operating current with power consumption less
than 100μA. This device also offers very low output
noise of 15 μVp-p/V, which enables its ability to
maintain high signal integrity with high-resolution data
converters in noise critical systems. Packaged in the
same SOT-23-5 package, REF4132 offers enhanced
specifications and pin-to-pin replacement for LM4128
and LM4132.
Stability and system reliability are further improved by
the low output-voltage hysteresis of the device and
low long-term output voltage drift. Furthermore, the
small size and low operating current of the devices
(100 μA) can benefit portable and battery-powered
applications.
REF4132 is specified for the wide temperature range
of
−40°C to +125°C.
Device Information(1)
PART NAME
PACKAGE
BODY SIZE (NOM)
REF4132
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Dropout vs. Current Load Over Temperature


Similar Part No. - REF4132A30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF4132A30DBVR TI2-REF4132A30DBVR Datasheet
1Mb / 26P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2020
REF4132A30DBVR.B TI2-REF4132A30DBVR.B Datasheet
1Mb / 26P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2020
REF4132A30DBVRQ1 TI1-REF4132A30DBVRQ1 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
More results

Similar Description - REF4132A30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3425 TI1-REF3425 Datasheet
1Mb / 25P
REF3425 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_17 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_18 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-EP TI1-REF3425-EP Datasheet
1Mb / 27P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-EP TI1-REF3425-EP_19 Datasheet
1Mb / 28P
low-drift, low-power, small-footprint series voltage reference
REF4132-Q1 TI1-REF4132-Q1 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132 TI1-REF4132 Datasheet
1Mb / 25P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132-Q1 TI1-REF4132-Q1_V01 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V01 Datasheet
2Mb / 29P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V03 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com