Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF4132A33DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF4132A33DBVR
Description  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132A33DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF4132A33DBVR Datasheet HTML 2Page - Texas Instruments REF4132A33DBVR Datasheet HTML 3Page - Texas Instruments REF4132A33DBVR Datasheet HTML 4Page - Texas Instruments REF4132A33DBVR Datasheet HTML 5Page - Texas Instruments REF4132A33DBVR Datasheet HTML 6Page - Texas Instruments REF4132A33DBVR Datasheet HTML 7Page - Texas Instruments REF4132A33DBVR Datasheet HTML 8Page - Texas Instruments REF4132A33DBVR Datasheet HTML 9Page - Texas Instruments REF4132A33DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Temperature (°C)
-40
-15
10
35
60
85
110 125
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
Temperature (°C)
-40
-15
10
35
60
85
110 125
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency (Hz)
-120
-100
-80
-60
-40
-20
10
100
1k
10k
100k
D005
CL = 1uF
CL = 10uF
Temperature (°C)
-40
-15
10
35
60
85
110 125
0
5
10
15
20
25
Temperature (°C)
-40
-15
10
35
60
85
110 125
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
Temperature (°C)
-40
-15
10
35
60
85
110 125
78
79
80
81
82
83
84
85
6
REF4132
SNAS794A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: REF4132
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25°C, VIN = VEN = 5 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Figure 1. Output Voltage Accuracy vs Temperature
Figure 2. VIN vs IQ over Temperature
Figure 3. Short Circuit Current
Figure 4. Power-Supply Rejection Ratio vs Frequency
Figure 5. Line Regulation
Figure 6. Load Regulation Sourcing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com