Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF4132-3.3 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF4132-3.3
Description  REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132-3.3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF4132-3.3 Datasheet HTML 9Page - Texas Instruments REF4132-3.3 Datasheet HTML 10Page - Texas Instruments REF4132-3.3 Datasheet HTML 11Page - Texas Instruments REF4132-3.3 Datasheet HTML 12Page - Texas Instruments REF4132-3.3 Datasheet HTML 13Page - Texas Instruments REF4132-3.3 Datasheet HTML 14Page - Texas Instruments REF4132-3.3 Datasheet HTML 15Page - Texas Instruments REF4132-3.3 Datasheet HTML 16Page - Texas Instruments REF4132-3.3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Temperature (°C)
-40
-15
10
35
60
85
110 125
78
79
80
81
82
83
84
85
D003
Enable
Blocks
Bandgap
Core
EN
GND
N/C
VIN
VREF
Buffer
Digital
13
REF4132-Q1
www.ti.com
SNAS795A – FEBRUARY 2020 – REVISED JULY 2020
Product Folder Links: REF4132-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The REF4132-Q1 is a low-drift, low-power precision bandgap voltage reference that is specifically designed for
excellent initial voltage accuracy and drift. The Functional Block Diagram is a simplified block diagram of the
REF4132-Q1 showing basic band-gap topology.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Supply Voltage
The REF4132-Q1 voltage reference features an extremely low dropout voltage. For loaded conditions, a typical
dropout voltage versus load is shown on the front page. The REF4132-Q1 features a low quiescent current that
is extremely stable over changes in both temperature and supply. The typical room temperature quiescent
current is 75 μA, and the maximum quiescent current over temperature is just 100 μA. Supply voltages below the
specified levels can cause the REF4132-Q1 to momentarily draw currents greater than the typical quiescent
current. Use a power supply with a fast rising edge and low output impedance to easily prevent this issue.
The supply current vs supply voltage figure is shown in Figure 26.
Figure 26. Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com