Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASL4501SHN Datasheet(PDF) 25 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 21Page - NXP Semiconductors ASL4501SHN Datasheet HTML 22Page - NXP Semiconductors ASL4501SHN Datasheet HTML 23Page - NXP Semiconductors ASL4501SHN Datasheet HTML 24Page - NXP Semiconductors ASL4501SHN Datasheet HTML 25Page - NXP Semiconductors ASL4501SHN Datasheet HTML 26Page - NXP Semiconductors ASL4501SHN Datasheet HTML 27Page - NXP Semiconductors ASL4501SHN Datasheet HTML 28Page - NXP Semiconductors ASL4501SHN Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
25 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
The data bits of the ASL4501SHN are arranged in registers of one-byte length. Each
register is assigned to a 7-bit address. For writing into a register, 2 bytes must be sent to
the LED driver. The first byte is an identifier byte that consists of the 7-bit address and one
read-only bit. For writing, the read-only bit must be set to logic 0. The second byte is the
data that is written into the register, so an SPI access consists of at least 16 bits.
The SPI frame format is shown in Figure 9, Table 36 and Table 37.
Format:
Steady state SCLK = 0
Data driving edge = positive edge
Data sampling edge = negative edge
Fig 8.
SPI timing protocol
aaa-015308
driving
edge
sampling
edge
SCLK
CSB
SDI
SDO
b0
b0
b1
b1
b2
b2
b3
b3
b10
b10
b9
b9
b11
b11
b12
b12
b13
b13
b14
b14
b15
MSB
b15
MSB
Fig 9.
SPI frame format
b15
b14
b13
b12
b11
R/W address
b15 = MSB = first transmitted bit
R/W
data
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
aaa-015309
Table 36.
SPI frame format for a transition to the device
Bit
Symbol
Description
Value
Function
15
b15
R/W bit
0
write access
1
read access
14 to 8
b14:8
address bits
XXX XXXX
address that is selected
7 to 0
b7:0
data bits
XXXX XXXX
data that is transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com