Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPESD1521P Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPESD1521P
Description  Bi -directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD1521P Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPESD1521P Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD1521P Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD1521P Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD1521P Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPESD1521P
Features
Mechanical Characteristics
Applications
Ordering Information
Part Number
Qty per Reel
Reel Size
7”
TPESD1521P
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
●
Package:
●
Lead Finish: Matte Tin
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000 or 10000pcs
●
Reel Size:7inch
WWW.TECHPUBLIC.COM.TW
DFN1006-2
3000/10000
•
Ultra low capacitance:
•
Ultra low operating voltage:15V
•
Low clamping voltage
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Two - pin leadless package
Ultra-small package (1.0 x 0.6 x 0.5mm)
•
Bi -directional TVS Diode
1
0.65
0.50
0.60
1.0
www.sot23.com.tw
0.35pf typ
Dimensions and Pin Configuration
(0402)


Similar Part No. - TPESD1521P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD15B6AP TECHPUBLIC-TPESD15B6AP Datasheet
2Mb / 4P
1-Line Bi-directional ESD DIODE
More results

Similar Description - TPESD1521P

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FB-3V3S33 FUTUREWAFER-FB-3V3S33 Datasheet
538Kb / 1P
Chip Bi - directional TVS diode
FB-5VS32 FUTUREWAFER-FB-5VS32 Datasheet
517Kb / 1P
Chip Bi-directional TVS diode
FB-5VS61 FUTUREWAFER-FB-5VS61 Datasheet
516Kb / 1P
Bi-directional TVS diode
logo
TECH PUBLIC Electronics...
ESD5V0B2-DFN3 TECHPUBLIC-ESD5V0B2-DFN3 Datasheet
2Mb / 4P
Bi -directional TVS Diode
ESD5V0B15-923 TECHPUBLIC-ESD5V0B15-923 Datasheet
1Mb / 4P
Bi-directional TVS Diode
ESD13VB7-1006 TECHPUBLIC-ESD13VB7-1006 Datasheet
1Mb / 4P
Bi -directional TVS Diode
ESD24VB3-1006 TECHPUBLIC-ESD24VB3-1006 Datasheet
1Mb / 4P
24V bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
LC1211CDN LEIDITECH-LC1211CDN Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE
logo
TECH PUBLIC Electronics...
ESDBL36VD3 TECHPUBLIC-ESDBL36VD3 Datasheet
1,021Kb / 4P
BI-directional TVS Diode
logo
Guangdong Youtai Semico...
SD05.TCT UMW-SD05.TCT Datasheet
284Kb / 4P
BI-directional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com