Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPESDLC0524P Datasheet(PDF) 3 Page - TECH PUBLIC Electronics co LTD

Part # TPESDLC0524P
Description  4-Line Uni-directional TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESDLC0524P Datasheet(HTML) 3 Page - TECH PUBLIC Electronics co LTD

  TPESDLC0524P Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESDLC0524P Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESDLC0524P Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESDLC0524P Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPESDLC0524P Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristic Curves
Fig1.
8/20
μs Pulse Waveform
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (
μs)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%
Fig3.
Non - Repetitive Peak Pulse Power vs. Pulse Time
Fig4.
Normalized Capacitance vs. Reverse Voltage
Pulse Duration - tp (
μs)
10
0.01
0.1
0.1
1
10
100
1000
1
WWW.TECHPUBLIC.COM.TW
TPESDLC0524P
4-Line Uni-directional TVS Diode
www.sot23.com.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com