Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPM6401S3 Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # TPM6401S3
Description  P-Channel Enhancement-Mode MOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPM6401S3 Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  TPM6401S3 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPM6401S3 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPM6401S3 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPM6401S3 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
Gate-Source Voltage
VGS
±10
V
Continuous Drain Current
ID
-3.8
A
Power Dissipation
PD
1
Thermal Resistance from Junction to Ambient
RθJA
℃/W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-50 ~+150
℃
Absolute Maximum Ratings (T
W
-16
125
TPM6 4 01 S3
P-Channel Enhancement-Mode MOS FETs
www.sot23.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com