Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC1005G100CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RC1005G100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC1005G100CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RC1005G100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RC1005G100CS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
15
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
(Unit: mm)
▶
This is applied to 1608, 2012, 3216, 3225 series
●
WINDOW DIMENSIONS
TAPING METHOD
REEL DEMENSIONS
A
B
t
1.10±0.20
1.90±0.20
0.90(MAX)
RC 1608
(1/16W)
1.65±0.20
2.40±0.20
1(MAX)
RC 2012
(1/10W)
2.00±0.20
3.60±0.20
1(MAX)
RC 3216
(1/8, 1/4W)
2.90±0.20
3.60±0.20
1(MAX)
RC 3225
(1/4W)
SIGN.
ITEM
(mm)
(
Φ178mm : 7 inch)
(
Φ330mm : 13 inch)
Chip Resistor
Bottom Tape
Carrier Tape
Top Tape
4.0
±0.1
1.75
±0.1
3.5
±0.05 8.0±0.1
1.5
±
0.1
0
2.0
±0.05
4.0
±0.1
1.0
1.0 Max
A
1.0 Max
B
Reel
Packed Part
Empty Part
Lead Part
Adhesion Tape
Empty portion
10 Pitches
or more
5,000 Pitches
or 20,000 Pitches
10 Pitches
or more
200~250 mm
Chips
Empty portion
Lead Part
1.2
±0.1
9.5
±0.1
or
13
±0.1
2.0
±0.1
40
R6.5
20
9.0
±0.1
or
13
±0.1
R 165
R 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com