Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FR79L05F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FR79L05F
Description  Three-terminal negative voltage regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR79L05F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FR79L05F Datasheet HTML 1Page - First Silicon Co., Ltd FR79L05F Datasheet HTML 2Page - First Silicon Co., Ltd FR79L05F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
0
-5
-10
-15
-20
-25
-30
0
-1
-2
-3
-4
-5
-6
-7
0
50
100
150
200
250
0
-1
-2
-3
-4
-5
-6
-7
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
0
-5
-10
-15
-20
-25
-30
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-4.0
-4.5
-5.0
-5.5
-6.0
-6.5
-7.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-5.5
Output Characteristics
I
O=0mA
T
J=25
℃
INPUT VOLTAGE V
IN
(V)
Current Cut-off Grid Voltage
OUTPUT CURRENT I
O
(mA)
V
IN=-10V
T
J=25
℃
Pulsed
JUNCTION TEMPERATURE T
J
( )
℃
Power Derating Curve
NPUT VOLTAGE V
IN
(V)
Quiescent Current vs Input Voltage
I
O=0mA
T
J=25
℃
T
J=25
℃
INPUT VOLTAGE V
IN
(V)
Dropout Characteristics
I
O=0mA
I
O=-40mA,-70mA,-100mA
0
25
50
75
100
125
150
-0
-1
-2
-3
-4
-5
-6
-7
-8
V
in=-10V
I
O=5mA
Output Voltage vs Junction Temperature
JUNCTION TEMPERATURE T
J
( )
℃
2018. 11. 08
2/3
Revision No : 1
FR79L05F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com