Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FR79L12F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FR79L12F
Description  Three-terminal negative voltage regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR79L12F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FR79L12F Datasheet HTML 1Page - First Silicon Co., Ltd FR79L12F Datasheet HTML 2Page - First Silicon Co., Ltd FR79L12F Datasheet HTML 3Page - First Silicon Co., Ltd FR79L12F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
-6
-7
-8
-9
-10
-11
-12
-13
-14
0
-5
-10
-15
-20
-25
-30
-35
0
-2
-4
-6
-8
-10
-12
-14
-16
-12.0
-12.5
-13.0
-13.5
-14.0
-14.5
-15.0
-10.50
-10.75
-11.00
-11.25
-11.50
-11.75
-12.00
-12.25
-12.50
0
-5
-10
-15
-20
-25
-30
-35
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
0
25
50
75
100
125
150
175
200
0
-2
-4
-6
-8
-10
-12
-14
-16
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
V
in=-19V
I
O=5mA
Output Voltage vs Junction Temperature
JUNCTION TEMPERATURE T
J
( )
℃
I
O=0mA
T
J=25
℃
INPUT VOLTAGE V
IN
(V)
Output Characteristics
I
O=0mA
I
O=40mA,70mA,100mA
T
J=25
℃
NPUT VOLTAGE V
IN
(V)
Dropout Characteristics
INPUT VOLTAGE V
IN
(V)
Quiescent Current vs Input Voltage
I
O=0mA
T
J=25
℃
Current Cut-off Grid Voltage
OUTPUT CURRENT I
O
(mA)
V
IN=-19V
T
J=25
℃
Pulsed
Power Derating Curve
JUNCTION TEMPERATURE T
J
( )
℃
Typical Characteristics
FR79L12F
2018. 11. 08
2/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com