Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUIPS6031 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # AUIPS6031
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS6031 Datasheet(HTML) 3 Page - Infineon Technologies AG

  AUIPS6031 Datasheet HTML 1Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 2Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 3Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 4Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 5Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 6Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 7Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 8Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AUIPS6031(S)(R)
www.irf.com
3
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. Tj= -40°C..150°C, Vcc=6..35V (unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-35 Vcc+0.3
V
Voffset
Maximum logic ground to load ground offset
Vcc-35 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
36
Vcc cont.
Maximum continuous Vcc voltage
28
Vcc sc.
Maximum Vcc voltage with short circuit protection
30
Iin max.
Maximum IN current
-3
10
mA
Idg max.
Maximum diagnostic output current
-3
10
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Pd
Maximum power dissipation (internally limited by thermal protection)
25
W
Rth=5°C/W AUIPS6031
Rth=40°C/W AUIPS6031S
1”sqrt. footprint
3.1
Rth=50°C/W AUIPS6031R
1”sqrt. footprint
2.5
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient AUIPS6031 TO220 free air
50
°C/W
Rth2
Thermal resistance junction to case AUIPS6031 TO220
3.8
Rth1
Thermal resistance junction to ambient AUIPS6031S D²Pak std. footprint
60
Rth2
Thermal resistance junction to ambient AUIPS6031S
D²Pak 1” sqrt.
footprint
40
Rth3
Thermal resistance junction to case AUIPS6031S D²Pak
3.8
Rth1
Thermal resistance junction to ambient AUIPS6031R D-Pak std. footprint
70
Rth2
Thermal resistance junction to ambient AUIPS6031R D-
Pak 1” sqrt.
footprint
50
Rth3
Thermal resistance junction to case AUIPS6031R D-Pak
3.8
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.9
Iout
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
A
Rth=5°C/W AUIPS6031
8.9
Rth=40°C/W AUIPS6031S
1” sqrt. footprint
3.1
Rth=50°C/W AUIPS6031R
1” sqrt. footprint
2.8
Rin
Recommended resistor in series with IN pin
4
10
k
Rdgs
Recommended resistor in series with DG pin for reverse battery protection
4
20
Rdgp
Recommended pull-up resistor for DG
4
20
Rol
Recommended pull-up resistor for open load detection
5
100
F max.
Max. switching frequency
2.5
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com