Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUIPS7221RTRL Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # AUIPS7221RTRL
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7221RTRL Datasheet(HTML) 2 Page - Infineon Technologies AG

  AUIPS7221RTRL Datasheet HTML 1Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 2Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 3Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 4Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 5Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 6Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 7Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 8Page - Infineon Technologies AG AUIPS7221RTRL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AUIPS7221R
www.irf.com
2
Qualification Information
†
Qualification Level
Automotive
(per AEC-Q100
††
)
Comments: This family of ICs has passed an Automotive
qualification.
IR’s Industrial and Consumer qualification level is
granted by extension of the higher Automotive level.
Moisture Sensitivity Level
DPAK-5L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M2 (150V)
(per AEC-Q100-003)
Human Body Model
Class H1A (500V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (1000V)
(per AEC-Q100-011)
IC Latch-Up Test
Class II, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
†† Exceptions to AEC-Q100 requirements are noted in the qualification report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com