Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RH3225J100CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RH3225J100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH3225J100CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RH3225J100CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH3225J100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Descripition
Working Voltage(Max)
Power Derating Curve
Rated Voltage
Resistance Range
√
Overload Voltage(Max)
50V
100V
50V
100V
50V
100V
150V
300V
200V
400V
200V
400V
200V
400V
200V
400V
RC1005
RC1608
RC2012
RC3216
RC5025
RC6432
Power Rating (W)
at 70
℃
0.063W
0.10W
0.125W
RC3225
0.25W
0.25W
0.5W
1W
D(±0.5%)
F(±1%), G(±2%)
J(±5%)
K(±10%)
Jumper Chip
-
10~1M
10~1M
10~1M
-
10~1M
1~10M
1~10M
-
10~1M
1~10M
1~10M
-
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
50
mΩ max
-55℃
~ 125℃
-55℃
~ 155℃(For 1608, 2012, 3216)
70℃
Operating
Temperature Range
Rated
Temperature Range
100
80
60
40
20
-40
40
0
80
120
0
GENERAL SPECIFICATION
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
5
The rated power is the maximum continuous loading power
at 70
℃ambient temperature.
For ambient temperature’s above 70
℃the loading power
follows the above power derating curve.
Rated power(w)
×Normal resistance value (W)
(UNIT :
Ω)
Temperature
Coefficient
Resistance Range
Resistance
Tolerance
J (
±5%)
K (
±10%)
G (
±2%)
F (
±1%)
D (
±0.5%)
1
Ω≤R≤10㏁
10
Ω≤R21㏁
1
㏁≤R210㏁
10
Ω≤R21㏁
Temperature Coefficient
±(300/200) PPM/℃
±100 PPM/℃
±3 00 PPM/℃
±100 PPM/℃
Please specify wattage when power rathing at the mark(
) is required at the time of ordering.
100
80
60
40
20
-5
-55
55 70
105
155
0
■1608, 2012, 3216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com