Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BBP-140 Datasheet(PDF) 2 Page - Mini-Circuits

Part # BBP-140
Description  Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BBP-140 Datasheet(HTML) 2 Page - Mini-Circuits

  BBP-140 Datasheet HTML 1Page - Mini-Circuits BBP-140 Datasheet HTML 2Page - Mini-Circuits BBP-140 Datasheet HTML 3Page - Mini-Circuits BBP-140 Datasheet HTML 4Page - Mini-Circuits BBP-140 Datasheet HTML 5Page - Mini-Circuits BBP-140 Datasheet HTML 6Page - Mini-Circuits BBP-140 Datasheet HTML 7Page - Mini-Circuits BBP-140 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial
BBP-140+
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M175392
BBP-140+
EDU3171
URJ
191114
Page 2 of 3
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
F1
F2
FREQUENCY (MHz)
F4
F3
F7
DC
F5 F6
F8
RF IN
RF OUT
50W
130 to 150 MHz
Bandpass Filter
0
2
4
6
8
10
12
14
16
18
20
110
120
130
140
150
160
170
FREQUENCY (MHz)
BBP-140+
INSERTION LOSS (Zoomed)
Applications
• Receivers/Transmitters
• Wireless communication systems
• Radio link
• Test setup
Features
• High rejection, 50 dB typ.
• Fast roll-off
• Good VSWR, 1.3:1 typ.
• Rugged shielded case
• Connectorized package
CASE STYLE: FF55
Connectors
Model
BNC
BBP-140+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(ns)
1
88.73
41.17
130
43.14
10
72.53
36.97
131
42.68
30
68.65
41.88
132
41.70
50
70.79
58.76
133
40.29
100
48.70
94.69
134
38.65
110
35.20
57.90
135
37.05
113
30.47
44.17
136
35.65
118
21.49
22.91
137
34.53
128
3.22
1.41
138
33.66
130
2.46
1.02
139
33.02
140
1.91
1.16
140
32.56
150
2.31
1.06
141
32.25
153
3.35
1.64
142
32.11
166
20.99
16.73
143
32.14
175
30.36
28.23
144
32.36
185
38.10
40.14
145
32.80
210
51.58
68.10
146
33.43
1000
92.21
0.00
147
34.23
1500
55.10
40.67
148
35.06
2000
56.64
31.20
150
36.29
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
0
10
20
30
40
50
60
70
80
90
100
110
0
500
1000
1500
2000
FREQUENCY (MHz)
BBP-140+
INSERTION LOSS
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
120
130
140
150
160
FREQUENCY (MHz)
BBP-140+
VSWR
10
15
20
25
30
35
40
45
50
55
120
130
140
150
160
FREQUENCY (MHz)
BBP-140+
GROUP DELAY
Generic photo used for illustration purposes only
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center frequency
-
-
-
140
-
MHz
Insertion Loss
F1-F2
130 - 150
-
2.6
3.5
dB
VSWR
F1-F2
130 - 150
-
1.3
1.7
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC - 100
40
47
-
dB
F3-F4
100 - 110
20
30
-
dB
VSWR
DC-F4
DC - 110
-
20
-
:1
Stop Band, Upper
Insertion Loss
F5-F6
185 - 210
20
30
-
dB
F6-F7
210 - 1000
40
50
-
dB
F7-F8
1000 - 2000
-
40
-
dB
VSWR
F7-F8
185 - 2000
-
20
-
:1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com