Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S6X Datasheet(PDF) 78 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 74Page - NXP Semiconductors LPC55S6X Datasheet HTML 75Page - NXP Semiconductors LPC55S6X Datasheet HTML 76Page - NXP Semiconductors LPC55S6X Datasheet HTML 77Page - NXP Semiconductors LPC55S6X Datasheet HTML 78Page - NXP Semiconductors LPC55S6X Datasheet HTML 79Page - NXP Semiconductors LPC55S6X Datasheet HTML 80Page - NXP Semiconductors LPC55S6X Datasheet HTML 81Page - NXP Semiconductors LPC55S6X Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
78 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
Table 21.
Typical peripheral power consumption
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V; T = 25 °C
Peripheral
IDD (uA)
FRO (12 MHz)
41
-
FRO (1 MHz)
3.5
-
FRO (32 KHz)
0.3
-
System OSC
35
-
32.768 KHz OSC
3.7
-
Flash
79
-
BODVBAT
0.3
-
SRAM 0 (64 KB)
[2]
9.5
-
SRAM 1 (64 KB)
[2]
11.5
-
SRAM 2 (64 KB)
[2]
11.5
-
SRAM 3 (64 KB)
[2]
16
-
SRAM 4 (16 KB)
[2]
16
-
Comparator
59
-
Peripheral
IDD in uA/MHz
IDD in uA/MHz
CPU: 12 MHz
CPU: 96MHz
FS USB0 Device
0.8
0.8
HS USB1 Device
1.0
1.3
ADC
0.3
0.3
RNG
17
2.8
INPUTMUX
[1]
0.4
0.5
IOCON
[1]
0.6
0.6
GPIO0
[1]
0.3
0.4
GPIO1
[1]
0.3
0.4
PINT
0.5
0.5
GINT
0.3
0.3
DMA0
1.7
1.7
DMA1
1.2
1.2
CRC
0.4
0.4
WWDT
0.2
0.2
RTC
0.2
0.2
MAILBOX
0.2
0.2
MRT
0.3
0.3
SCTimer/PWM
1.3
1.4
UTICK
0.2
0.2
OS Timer
0.2
0.2
Flexcomm
Interface 0
0.8
0.8
Flexcomm
Interface 1
0.8
0.8
Flexcomm
Interface 2
0.8
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com