Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRS211 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IRS211
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS211 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRS211 Datasheet HTML 6Page - Infineon Technologies AG IRS211 Datasheet HTML 7Page - Infineon Technologies AG IRS211 Datasheet HTML 8Page - Infineon Technologies AG IRS211 Datasheet HTML 9Page - Infineon Technologies AG IRS211 Datasheet HTML 10Page - Infineon Technologies AG IRS211 Datasheet HTML 11Page - Infineon Technologies AG IRS211 Datasheet HTML 12Page - Infineon Technologies AG IRS211 Datasheet HTML 13Page - Infineon Technologies AG IRS211 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
10
Application Information and Additional Details
Figure 3 Switching Time Test Circuit
Figure 4 Switching Time Waveform Definition
Figure 1 Input/Output Timing Diagram
Figure 2 Floating Supply Voltage Transient Test
circuit
10 uF
0.1 uF
0.1 uF
200 uH
+
100 uF
dVS/dt < 50V/ns
OUTPUT
MONITOR
IRS21171
1
3
2
7
6
8
VCC = 15V
HV = 10 to 600V
10KF6
10KF6
10KF6
IRF820
HO
10 uF
0.1 uF
0.1 uF
(0 to
600V)
IRS21171
1
3
2
7
6
8
VCC = 15V
HO
10 uF
CL
IN
VS
VB
10 uF
+
15V
-
IRS2117(1)
IRS2118
IRS2118
IRS2117(1)
The IRS21171SPBF is not recommended for new designs. For new designs, we recommend IRS2117SPbF or IRS25752LPbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com