Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3A-120 Datasheet(PDF) 56 Page - Intel Corporation

Part # JS28F320J3A-120
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-120 Datasheet(HTML) 56 Page - Intel Corporation

Back Button JS28F320J3A-120 Datasheet HTML 52Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 53Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 54Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 55Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 56Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 57Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 58Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 59Page - Intel Corporation JS28F320J3A-120 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
256-Mbit J3 (x8/x16)
56
Datasheet
Device Geometry Definition
A.7
Primary-Vendor Specific Extended Query Table
Certain flash features and commands are optional. The Primary Vendor-Specific Extended Query
table specifies this and other similar information.
2Ch
1
Number of erase block regions within device:
1. x = 0 means no erase blocking; the device erases in “bulk”
2. x specifies the number of device or partition regions with one or
more contiguous same-size erase blocks
3. Symmetrically blocked partitions have one blocking region
4. Partition size = (total blocks) x (individual block size)
2C:
--01
1
2Dh
4
Erase Block Region 1 Information
2D:
bits 0–15 = y, y+1 = number of identical-size erase blocks
2E:
bits 16–31 = z, region erase block(s) size are z x 256 bytes
2F:
30:
Table 29. Device Geometry Definition (Sheet 2 of 2)
Offset
Length
Description
Code See Table
Below
Address
32 Mbit
64 Mbit
128 Mbit
256Mbit
27:
--16
--17
--18
--19
28:
--02
--02
--02
--02
29:
--00
--00
--00
-00
2A:
--05
--05
--05
-05
2B:
--00
--00
--00
-00
2C:
--01
--01
--01
-01
2D:
--1F
--3F
--7F
-FF
2E:
--00
--00
--00
--00
2F:
--00
--00
--00
--00
30:
--02
--02
--02
--02
Table 30. Primary Vendor-Specific Extended Query (Sheet 1 of 2)
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P+0)h
3
Primary extended query table
31:
--50
“P”
(P+1)h
Unique ASCII string “PRI”
32:
--52
“R”
(P+2)h
33:
--49
“I”
(P+3)h
1
Major version number, ASCII
34:
--31
“1”
(P+4)h
1
Minor version number, ASCII
35:
--31
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com