Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM16N02D Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM16N02D
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM16N02D Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM16N02D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HM16N02D
1
20V N-Channel Enhancement Mode MOSFET
Description
The HM16N02D uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a load switch or in PWM
applications.
General Features
 V
DS =20V,ID =16A
RDS(ON)(Typ.)=11.5mΩ
@VGS=2.5V
RDS(ON)(Typ.)=9mΩ @VGS=4.5V
 High power and current handing capability
 Lead free product is acquired
 Surface mount package
Application
 PWM applications
 Load switch
Package
DFN2*2-6L-B
Schematic diagram
D
G
S
Marking and pin assignment
DFN2*2-6L-B
(Thickness 0.55mm)
Ordering Information
Part Number
Storage Temperature
Package
Devices Per Reel
HM16N02D-G
-55°C to +150°C
DFN2*2-6L-B
4000
Absolute Maximum Ratings (TA=25℃ unless otherwise noted)
parameter
symbol
limit
unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGS
±12
V
Drain current-continuous
a@Tj=125℃
-pulse d
b
ID
16
A
IDM
64
A
Drain-source Diode forward current
Is
16
A
Maximum power dissipation
PD
18
W
Operating junction Temperature range
Tj
-55
—150
℃
HF
Pb


Similar Part No. - HM16N02D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM16N60F HMSEMI-HM16N60F Datasheet
833Kb / 10P
silicon N-channel Enhanced VDMOSFETs
HM16N65F HMSEMI-HM16N65F Datasheet
1Mb / 10P
silicon N-channel Enhanced VDMOSFETs
More results

Similar Description - HM16N02D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com