Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8841-PMQL Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8841-PMQL
Description  Single-Port Ethernet MAC Controller with PCI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8841-PMQL Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8841-PMQL Datasheet HTML 17Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 18Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 19Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 20Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 21Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 22Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 23Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 24Page - Microchip Technology KSZ8841-PMQL Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
 2019 Microchip Technology Inc.
DS00003284A-page 21
KSZ8841-PMQL
4.0
REGISTER DESCRIPTIONS
4.1
Host Communication
The descriptor lists and data buffers, collectively called the host communication, manage the actions and status related
to buffer management. Commands and signals that control the functional operation of the KSZ8841-PMQL are also
described.
The KSZ8841-PMQL and the driver communicate through the two data structures: Command and status registers
(CSRs) and Descriptor Lists and Data Buffers.
Note: All unused bits of the data structure in this section are reserved and should be written by the driver as zeros.
4.1.1
HOST COMMUNICATION DESCRIPTOR LISTS AND DATA BUFFERS
The KSZ8841-PMQL transfers received data frames to the receive buffer in host memory and transmits data from the
transmit buffers in host memory. Descriptors that reside in the host memory act as pointers to these buffers.
There are two descriptor lists (one for receive and one for transmit) for the MAC DMA. The base address of each list is
written in the TDLB register and in the RDLB register, respectively. A descriptor list is forward linked. The last descriptor
may point back to the first entry to create a ring structure. Descriptors are chained by setting the next address to the
next buffer in both receive and transmit descriptors.
The descriptor lists reside in the host physical memory address space. Each pointer points to one buffer and the second
pointer points to the next descriptor. This enables the greatest flexibility for the host to chain any data buffers with dis-
continuous memory location. This eliminates processor-intensive tasks such as memory copying from the host to mem-
ory.
A data buffer contains either an entire frame or part of a frame, but it cannot exceed a single frame. Buffers contain only
data; and buffer status is maintained in the descriptor. Data chaining refers to frames that span multiple data buffers.
Data chaining can be enabled or disabled. Data buffers reside in host physical memory space.
Receive Descriptors (RDES0 - RDES3)
Receive descriptor and buffer addresses must be Word aligned. Each receive descriptor provides one frame buffer, one
byte count field, and control and status bits.
TABLE 4-1:
RDES0 REGISTER BIT FIELDS
Bit
Description
31
OWN Own Bit
When set, indicates that the descriptor is owned by the KSZ8841-PMQL.
When reset, indicates that the descriptor is owned by the host. The KSZ8841-PMQL clears this bit
either when it completes the frame reception or when the buffers that are associated with this descriptor
are full.
30
FS First Descriptor
When set, indicates that this descriptor contains the first buffer of a frame.
If the buffer size of the first buffer is 0, the next buffer contains the beginning of the frame.
29
LS Last Descriptor
When set, indicates that the buffer pointed by this descriptor is the last buffer of the frame.
28
IPE IP Checksum Error
When set, indicates that the received frame is an IP packet and its IP checksum field does not match.
This bit is valid only when last descriptor is set.
27
TCPE TCP Checksum Error
When set, indicates that the received frame is a TCP/IP packet and its TCP checksum field does not
match.
This bit is valid only when last descriptor is set.
26
UDPE UDP Checksum Error
When set, indicates that the received frame is an UDP/IP packet and its UDP checksum field does not
match.
This bit is valid only when last descriptor is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com