Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9273QX Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9273QX
Description  High-End System Basis Chip Family
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9273QX Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9273QX Datasheet HTML 9Page - Infineon Technologies AG TLE9273QX Datasheet HTML 10Page - Infineon Technologies AG TLE9273QX Datasheet HTML 11Page - Infineon Technologies AG TLE9273QX Datasheet HTML 12Page - Infineon Technologies AG TLE9273QX Datasheet HTML 13Page - Infineon Technologies AG TLE9273QX Datasheet HTML 14Page - Infineon Technologies AG TLE9273QX Datasheet HTML 15Page - Infineon Technologies AG TLE9273QX Datasheet HTML 16Page - Infineon Technologies AG TLE9273QX Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
TLE9273QX
General Product Characteristics
Datasheet
13
Rev.1.5
2019-09-27
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Device Behavior Outside of Specified Functional Range:
• 28V < VS,func < 40V: Device will still be functional; the specified electrical characteristics may not be ensured
anymore. The Buck and VCC2 will work, however, a thermal shutdown may occur due to high power
dissipation. The specified SPI communication speed is ensured. The absolute maximum ratings are not
violated, however the device is not intended for continuous operation of VS >28V. Operating the device at
high junction temperatures for prolonged periods of time may reduce the life of the device.
• 18V < VLIN <28V: The LIN transceiver is still functional. However, the communication may fail due to out-of-
LIN-spec operation;
• VLIN,UVD < VLIN < 5.5V: The LIN transceiver is still functional. However, the communication may fail due to
out-of-LIN-spec operation;
• VCAN < 4.75V: The undervoltage bit VCAN_UV will be set in the SPI register BUS_STAT_1 and the transmitter
will be disabled as long as the UV condition is present;
• 5.25V < VCAN < 5.50V: CAN transceiver still functional. However, the communication may fail due to out-of-
spec operation;
• VPOR,f < VS < 5.5V: Device will be still functional; the specified electrical characteristics may not be ensured
anymore:
– The voltage regulators will enter the low-drop operation mode;
–A VCC1_UV reset could be triggered depending on the Vrtx settings;
– The LIN transmitter will be disabled if VLIN < VLIN,UVD is reached and VLIN_UV bit on SUP_STAT is set;
– FOx outputs will remain ON if they were enabled;
– The specified SPI communication speed is ensured.
Table 2
Functional Range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage
VS,func
VPOR
–28
V
1) VPORseesection
Chapter 13.9
1) Including Power-On Reset, Over- and Under voltage Protection
P_4.2.1
LIN Supply Voltage (VLIN
pin)
VREF,LIN
5.5
–
18
V
P_4.2.2
CAN Supply Voltage
VCAN
4.75
–
5.25
V
–
P_4.2.3
CFG external pull-up
RCFG
10
–
22
kΩ
–P_4.2.6
SPI frequency
fSPI
––4
MHz
see
Chapter 14.7 for
fSPI,max
P_4.2.4
Junction Temperature
Tj
-40
–
150
°C
–
P_4.2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com