Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGS110MN20 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BGS110MN20
Description  SP10T Diversity Antenna Switch with MIPI RFFE Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS110MN20 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BGS110MN20 Datasheet HTML 9Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 10Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 11Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 12Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 13Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 14Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 15Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 16Page - Infineon Technologies AG BGS110MN20 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BGS110MN20
V
OHmin
V
OLmax
V
TPmax
V
TPmin
T
D
SCLK
SDATA
T
SDATAOTR
T
SDATAOTR
T
D
Figure 6: Bus active data transmission timing specification
T
SIGOL
Time
VIO (V)
VIO
max
VIO
min
V
VIO-RST
(0.2V)
Not To Scale
SCLK & SDATA must be
held at low level from
deassertion of VIO until
the end of T
SIGOL
All slave registers
set/reset to
manufacturer‘s
defaults
T
VIO-RST
T
VIO-R
Figure 7: Requirements for VIO-initiated reset
Table 13: Modes of Operation (Truth Table)
REGISTER_0 Bits
State
Mode
D7
D6
D5
D4
D3
D2
D1
D0
1
Isolation
x
0
0
0
0
0
0
0
2
RX01
x
0
0
0
0
0
1
0
3
RX02
x
0
0
0
1
0
1
0
4
RX03
x
0
0
0
1
1
1
0
5
RX04
x
0
0
0
1
0
1
1
6
RX05
x
0
0
0
0
0
0
1
7
RX06
x
0
0
0
1
0
0
1
8
RX07
x
0
0
0
0
1
1
0
9
RX08
x
0
0
0
0
1
0
0
10
RX09
x
0
0
0
1
1
0
0
11
RX10
x
0
0
0
1
0
0
0
Data Sheet
13
Revision 3.1 - June 23, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com