Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCN13552 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN13552
Description  ~5.1째 spot beam. Assembly with holder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN13552 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN13552 Datasheet HTML 1Page - Ledil, Inc. FCN13552 Datasheet HTML 2Page - Ledil, Inc. FCN13552 Datasheet HTML 3Page - Ledil, Inc. FCN13552 Datasheet HTML 4Page - Ledil, Inc. FCN13552 Datasheet HTML 5Page - Ledil, Inc. FCN13552 Datasheet HTML 6Page - Ledil, Inc. FCN13552 Datasheet HTML 7Page - Ledil, Inc. FCN13552 Datasheet HTML 8Page - Ledil, Inc. FCN13552 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT
DATASHEET
FCN13552_CRYSTAL-RS
CRYSTAL-RS
~5.1° spot beam. Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 49.7 mm
Height
28.7 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
CRYSTAL-RS
Single lens
PMMA
clear
CRYSTAL-HLD
Holder
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FCN13552_CRYSTAL-RS
» Box size:
Single lens
288
64
32
0.0
Last update: 31/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/10


Similar Part No. - FCN13552

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
Crystal series
More results

Similar Description - FCN13552

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
FA15229 LEDIL-FA15229 Datasheet
5Mb / 4P
~30째 spot beam. Assembly with white holder.
FCP13895 LEDIL-FCP13895_18 Datasheet
8Mb / 11P
~2.3째 spot beam. Assembly with holder.
CN15529 LEDIL-CN15529 Datasheet
7Mb / 7P
~9째 spot beam with holder
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
CN12299 LEDIL-CN12299 Datasheet
2Mb / 4P
~10째 infrared spot beam with holder
F12916 LEDIL-F12916 Datasheet
1Mb / 6P
~5.1째 spot beam
CA17280 LEDIL-CA17280 Datasheet
9Mb / 4P
~15째 spot beam. Assembly with black holder
CN10861 LEDIL-CN10861 Datasheet
9Mb / 9P
~10째 spot beam with holder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com