Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SZAF2.8A Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SZAF2.8A
Description  Zener voltage regulator diodes 1 Watt Steady State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SZAF2.8A Datasheet(HTML) 7 Page - Leshan Radio Company

  SZAF2.8A Datasheet HTML 1Page - Leshan Radio Company SZAF2.8A Datasheet HTML 2Page - Leshan Radio Company SZAF2.8A Datasheet HTML 3Page - Leshan Radio Company SZAF2.8A Datasheet HTML 4Page - Leshan Radio Company SZAF2.8A Datasheet HTML 5Page - Leshan Radio Company SZAF2.8A Datasheet HTML 6Page - Leshan Radio Company SZAF2.8A Datasheet HTML 7Page - Leshan Radio Company SZAF2.8A Datasheet HTML 8Page - Leshan Radio Company SZAF2.8A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Proprietary Information
Title: Power Packages Product Packing Specification
功率产品包装规范
Document Number: APS-QA-QS-009
Revision C
Page 5 of 6
Do not copy without written permission from Advanced Power Semiconductor
7英寸内箱封盒
13英寸内箱封盒
8.1.8 Outer box size and packing quantity requirement,外箱尺寸及包装数量要求。
Product
卷盘尺寸
Height(H) Width(W) Length(L)
Max. Qty
Description
Power
Device
7 英寸
410mm
400mm
445mm
12
Power
Device
13 英寸
410mm
400mm
445mm
5
7 英寸卷盘产品装箱
13 英寸卷盘产品装箱
统一方向



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com