Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC62HR Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC62HR
Description  Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HR Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC62HR Datasheet HTML 9Page - Torex Semiconductor XC62HR Datasheet HTML 10Page - Torex Semiconductor XC62HR Datasheet HTML 11Page - Torex Semiconductor XC62HR Datasheet HTML 12Page - Torex Semiconductor XC62HR Datasheet HTML 13Page - Torex Semiconductor XC62HR Datasheet HTML 14Page - Torex Semiconductor XC62HR Datasheet HTML 15Page - Torex Semiconductor XC62HR Datasheet HTML 16Page - Torex Semiconductor XC62HR Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
w-56
0.3
0.4
0.5
0.6
0.7
04
28
610
(4) CE PIN THRESHOLD VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE:VIN(V)
XC62HR5002 (5V)
Topr=30:
25:
80:
"H"Level Voltage
"L"Level Voltage
XC62HR4002 (4V)
0.3
0.4
0.5
0.6
0.7
04
28
610
INPUT VOLTAGE:VIN(V)
Topr=30:
25:
80:
"H"Level Voltage
0.3
0.4
0.5
0.6
0.7
04
28
610
INPUT VOLTAGE:VIN(V)
Topr=30:
25:
80:
"H"Level Voltage
0.3
0.4
0.5
0.6
0.7
04
28
610
INPUT VOLTAGE:VIN(V)
Topr=30:
25:
80:
"H"Level Voltage
XC62HR3002 (3V)
XC62HR2002 (2V)
"L"Level Voltage
"L"Level Voltage
"L"Level Voltage
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com