Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAV801ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 15Page - Analog Devices ADAV801ASTZ Datasheet HTML 16Page - Analog Devices ADAV801ASTZ Datasheet HTML 17Page - Analog Devices ADAV801ASTZ Datasheet HTML 18Page - Analog Devices ADAV801ASTZ Datasheet HTML 19Page - Analog Devices ADAV801ASTZ Datasheet HTML 20Page - Analog Devices ADAV801ASTZ Datasheet HTML 21Page - Analog Devices ADAV801ASTZ Datasheet HTML 22Page - Analog Devices ADAV801ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
ADAV801
Rev. 0 | Page 19 of 56
VERVIEW
le rate conversion, data can be
conv
or at
t sam
rates.
The sim
on is to use a zero-order hold between the two
m, T2
tional.
at fS_OUT are repeated or dropped, producing
pling process.
t r
S_OUT
ated images from the SIN(x)/x nature of the zero-
orde
es) of the zero-
order h
nfinite
he ratio of T2 to
T1 i
rom the
n never be eliminated. The error can be
he
he
tually interpolated by a factor of 220.
SAMPLE RATE CONVERTER (SRC) FUNCTIONAL O
During asynchronous samp
erted at the same sample rate
differen
ple
plest approach to an asynchronous sample rate
conversi
samplers, as shown in Figure 29. In an asynchronous syste
is never equal to T1, nor is the ratio between T2 and T1 ra
As a result, samples
an error in the resam
The frequency domain shows the wide side lobes tha esult
from this error when the sampling of f
is convolved with
the attenu
r hold. The images at fS_IN (dc signal imag
old are i
ly attenuated. Because t
s an irrational number, the error resulting f
resampling at fS_OUT ca
significantly reduced, however, through interpolation of t
input data at fS_IN. Therefore, the sample rate converter in t
ADAV801 is concep
SPECTRUM OF
fS_OUT SAMPLING
fS_OUT
2×
fS_OUT
FREQUENCY RESPONSE OF
fS_OUT CONVOLVED
WITH ZERO-ORDER HOLD SPECTRUM
ZERO-ORDER
HOLD
fS_IN = 1/T1
fS_OUT = 1/T2
ORIGINAL SIGNAL
SAMPLED AT
fS_IN
SIN(X)/X OF ZERO-ORDER HOLD
SPECTRUM OF ZERO-ORDER HOLD OUTPUT
OUT
IN
Figure 29. Zero-Order Hold Used by fS_ OUT to Resample Data from fS_IN
Conceptual High Interpolation Model
g
y
to suppress the
s
th
Interpolation of the input data by a factor of 220 involves placin
(220 − 1) samples between each fS_IN sample. Figure 30 shows
both the time domain and the frequency domain of
interpolation by a factor of 220. Conceptually, interpolation b
220 involves the steps of zero-stuffing (220 − 1) number of
samples between each fS_IN sample and convolving this
interpolated signal with a digital low-pass filter
images. In the time domain, it can be een
at fS_OUT selects the
closest fS_IN × 220 sample from the zero-order hold, as opposed to
the nearest fS_IN sample in the case of no interpolation. This
significantly reduces the resampling error.
fS_IN
fS_OUT
IN
OUT
INTERPOLATE
BY N
LOW-PASS
FILTER
ZERO-ORDER
HOLD
TIME DOMAIN OF
fS_IN SAMPLES
TIME DOMAIN OUTPUT OF THE LOW-PASS FILTER
TIME DOMAIN OF
fS_OUT RESAMPLING
TIME DOMAIN OF THE ZERO-ORDER HOLD OUTPUT
Figure 30. SRC Time Domain
In the frequency domain shown in Figure 31, the interpolation
expands the frequency axis of the zero-order hold. The images
from the interpolation can be su ficiently attenuated by a good
low-pass filter. The images from the zero-order hold are now
pushed by
n point
he
f
a factor of 220 closer to the infinite attenuatio
of the zero-order hold, which is fS_IN × 220. The images at the
zero-order hold are the determining factor for the fidelity of t
output at fS_OUT.
fS_IN
fS_IN
220 ×
fS_IN
220 ×
fS_IN
220 ×
fS_IN
fS_OUT
IN
OUT
INTERPOLATE
BY N
LOW-PASS
FILTER
ZERO-ORDER
HOLD
FREQUENCY DOMAIN OF SAMPLES AT
fS_IN
FREQUENCY DOMAIN OF THE INTERPOLATION
FREQUENCY DOMAIN OF
fS_OUT RESAMPLING
FREQUENCY DOMAIN
AFTER RESAMPLING
SIN(X)/X OF ZERO-ORDER HOLD
Figure 31. Frequency Domain of the Interpolation and Resampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com